| Moteur de recherche de fiches techniques de composants électroniques |
|
LM831 Fiches technique(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM831 Fiches technique(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 14 page ![]() LM831 Circuit Description Refer to the external component diagram and equivalent schematic The power supply is applied to Pin 9 and is filtered by resis- tor R1 and capacitor CBY on Pin 16 This filtered voltage at Pin 16 is used to bias all of the LM831 circuits except the power output stage Resistor R0 generates a biasing current that sets the output DC voltage for optimum output power for any given supply voltage Feedback is provided to the input transistor Q1 emitter by R6 and R7 The capacitor CNF on Pin 2 provides unity DC gain for maxi- mum DC accuracy Q2 provides voltage gain and the rest of the devices buffer the output load from Q2’s collector Bootstrapping of Pin 5 by CBS allows maximum output swing and improved supply rejection R5 is provided for bridge (BTL) operation External Component Diagram TLH6754 – 12 9 |