Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC65F103C Fiches technique(PDF) 2 Page - Amphenol Corporation

No de pièce MC65F103C
Description  Precision, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MC65F103C Fiches technique(HTML) 2 Page - Amphenol Corporation

  MC65F103C Datasheet HTML 1Page - Amphenol Corporation MC65F103C Datasheet HTML 2Page - Amphenol Corporation MC65F103C Datasheet HTML 3Page - Amphenol Corporation MC65F103C Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type MC65
Specifications
NTC Interchangeable Type MC65
Epoxy-coated interchangeable chip thermistors with
heavy isomid insulated nickel lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of 1000 Ω to
100 kΩ
• Other tolerances or ranges
• Other lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
Thermal and Electrical Properties
Dissipation Constant
Still air: 0.5 mW/°C
Stirred oil: 4 mW/°C
Thermal Time Constant
Still air: 8 seconds
Stirred oil: 0.5 seconds
Maximum Power at 77°F (25°C)
25 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
3 in (76.2 mm) nominal
0.25 in (6.35 mm)
Ø 0.065 in
(1.65 mm)
maximum
Ø 0.004 in
(0.10 mm)
NTC Interchangeable Type MC65 Dimensions
Ordering Information
Select appropriate part number below for resistance
and temperature tolerance desired.
R25°C
Material
System
±0.05°C; 35°C to 39°C
±0.075°C; 39°C to 42°C
±0.10°C; 20°C to 45°C
±0.15°C; 0°C to 50°C
±0.1°C; 35°C to 39°C
±0.15°C; 20°C to 45°C
±0.2°C; 0°C to 50°C
±0.15°C; 35°C to 39°C
±0.2°C; 20°C to 45°C
±0.25°C; 0°C to 50°C
2252
F
MC65F232A
MC65F232B
MC65F232C
3000
F
MC65F302A
MC65F302B
MC65F302C
5000
F
MC65F502A
MC65F502B
MC65F502C
10000
F
MC65F103A
MC65F103B
MC65F103C
10000
Y
MC65Y103A
MC65Y103B
MC65Y103C
30000
H
MC65H303A
MC65H303B
MC65H303C
50000
G
MC65G503A
MC65G503B
MC65G503C
100000
Y
MC65Y104A
MC65Y104B
MC65Y104C
100000
G
MC65G104A
MC65G104B
MC65G104C
Note: For RoHS
compliant product,
please add the
suffix “N” to the part
label. Example:
MC65F103AN



Html Pages

1 2 3 4