Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBP2005A Fiches technique(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

No de pièce KBP2005A
Description  SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE REC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBP2005A Fiches technique(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  KBP2005A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBP2005A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. KBP2005A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
version:02
50
40
2 of 3
www.dyelec.com
0
100
0
100
0
30
0
NUMBER OF CYCLES AT 60 Hz
10
100
V
R, REVERSE VOLTAGE (V)
TJ = 25°C
f = 1MHz
0
1.0
2.0
0
50
1
00
150
T, TEMPERATURE (°C)
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
F, INSTANTANEOUS FWD VOLTAGE(V)
TA = 25°C
Pulse Width
= 300 µs
60
100
Fig. 2 Typical Fwd Characteristics
Fig. 1 Forward Current Derating Curve
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Fig. 4 Typical Junction Capacitance
10
10
Pulse Width =8.3ms
Single Half Sine-Wave
(JEDEC Method)
.5T
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
T = 25 C
°
T = 125 C
°
J
J
KBP2005A THRU KBP210A



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com