| Moteur de recherche de fiches techniques de composants électroniques |
|
X9421 Fiches technique(PDF) 2 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X9421 Fiches technique(HTML) 2 Page - Xicor Inc. |
|
2 / 21 page ![]() X9421 REV 1.1.6 8/1/02 Characteristics subject to change without notice. 2 of 21 www.xicor.com CIRCUIT LEVEL APPLICATIONS • Vary the gain of a voltage amplifier • Provide programmable dc reference voltages for comparators and detectors • Control the volume in audio circuits • Trim out the offset voltage error in a voltage amplifier circuit • Set the output voltage of a voltage regulator • Trim the resistance in Wheatstone bridge circuits • Control the gain, characteristic frequency and Q-factor in filter circuits • Set the scale factor and zero point in sensor signal conditioning circuits • Vary the frequency and duty cycle of timer ICs • Vary the dc biasing of a pin diode attenuator in RF circuits • Provide a control variable (I, V, or R) in feedback circuits SYSTEM LEVEL APPLICATIONS • Adjust the contrast in LCD displays • Control the power level of LED transmitters in communication systems • Set and regulate the DC biasing point in an RF power amplifier in wireless systems • Control the gain in audio and home entertainment systems • Provide the variable DC bias for tuners in RF wireless systems • Set the operating points in temperature control systems • Control the operating point for sensors in industrial systems • Trim offset and gain errors in artificial intelligent systems DETAILED FUNCTIONAL DIAGRAM WIPER COUNTER REGISTER (WCR) RH/VH RL/VL DATA RW/VW INTERFACE AND CONTROL CIRCUITRY VCC VSS CS SCK A0 SO SI HOLD WP Control 64--taps 10K Ω Power On Recall DR0 DR1 DR2 DR3 |