| Moteur de recherche de fiches techniques de composants électroniques |
|
XC6402 Fiches technique(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6402 Fiches technique(HTML) 2 Page - Torex Semiconductor |
|
2 / 16 page ![]() XC6402 Series High Current, High Speed LDO Regulators, Voltage Detector Function ! PIN CONFIGURATION ! PIN ASSIGNMENT ! SELECTION GUIDE 1. EN Input Logic, Internal Pull-up / down as option * : C series 2. VD Sense as option * : C and F series 3. VD Output Logic as option * : C and F series SOT-25 SOT-89-5 3 4 5 3 5 2 3 Active Low with pull-up resistance VD Output Detect H VIN XC6402 * A, B, E, F, L, M, R, S, V, X VR Output 1 Delay Capacitor Connection ( F Series) Cd EN XC6402 * A ~ D VROUT VDOUT Active High with pull-down resistance 4 - VR ON/OFF Control (C Series) 2 5 - XC6402 * R ~ U NC Active Low with no pull-up resistance VD SENSE PIN XC6402 * E ~ K Active High with no pull-down resistance XC6402 * L ~ P SERIES CE INPUT LOGIC SERIES XC6402 * B, D, F, K, M, P, S, U, X, Z Power Input FUNCTION VIN VSS PIN NAME Ground PIN NUMBER 5 6 1 USP-6B 3 4 1 2 1 No Connection SERIES VD OUTPUT LOGIC XC6402 * A, C, E, H, L, N, R, T, V, Y Detect L XC6402 * C, D, H, K, N, P, T, U, Y, Z VROUT 12 3 4 5 VROUT VDOUT EN / Cd VIN VSS SOT-25 (TOP VIEW) SOT-89-5 (TOP VIEW) USP-6B (TOP VIEW) Semiconductor Ltd. VIN VSS VROUT VDOUT EN / Cd 12 4 5 3 5 6 3 1 4 2 VDOUT VROUT VSS EN / Cd NC VIN Data Sheet 2 |