| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8750LEFL/R Fiches technique(PDF) 54 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8750LEFL/R Fiches technique(HTML) 54 Page - Wolfson Microelectronics plc |
|
54 / 56 page ![]() WM8750L Product Preview PP Rev 1.77 May 2003 54 should be large so as not to attenuate the signal from the microphone, which can have source impedance greater than 2kOhm. C1 together with the source impedance of the microphone and the WM8750L input impedance forms an RF filter. C2 is a DC blocking capacitor to allow the microphone to be biased at a different DC voltage to the MICIN signal. MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS To minimise any pop or click noise when the system is powered up or down, the following procedures are recommended. POWER UP • Switch on power supplies. By default the WM8750L is in Standby Mode, the DAC is digitally muted and the Audio Interface, Line outputs and Headphone outputs are all OFF (DACMU = 1 Power Management registers 1 and 2 are all zeros). • Enable Vmid and VREF, then wait for time TBD • Enable DACs as required • Enable line and / or headphone output buffers as required. • Set DACMU = 0 to soft-un-mute the audio DACs. POWER DOWN • Set DACMU = 1 to soft-mute the audio DACs. • Disable all output buffers, then wait for time TBD. • Switch off the power supplies. POWER MANAGEMENT EXAMPLES POWER MANAGEMENT (1) POWER MANAGEMENT (2) PGAs ADCs DACs Output Buffers OPERATION MODE VR AI PGL PGR ADL ADR MBI DAL DAR LO1 RO1 LO2 RO2 MO HPD Stereo Headphone Playback 1 1 0 0 0 0 0 1 1 1 1 0 0 0 x Stereo Line-in Record 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 Stereo Microphone Record 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 Mono Microphone Record 1 1 1 0 1 0 1 0 0 0 0 0 0 0 0 Stereo Line-in to Headphone Out 1 1 0 0 0 0 0 0 0 1 1 0 0 0 x Phone Call 1 1 1 0 0 0 1 0 0 1 1 0 0 1 x Speaker Phone Call [ROUT2INV = 1] 1 1 1 0 0 0 1 0 0 0 0 1 1 1 0 Record Phone Call [L channel = mic with boost, R channel = RX, enable mono mix] 1 1 1 1 1 1 1 0 0 1 1 0 0 1 x |