| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8737L Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8737L Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 38 page ![]() Preliminary Technical Data WM8737L w AI Rev 3.0 May 2004 3 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8737LGEFL -25 °C to +85°C 32-pin QFN (5x5x0.9mm) lead free MSL1 260°C WM8737LGEFL/R -25 °C to +85°C 32-pin QFN (5x5x0.9mm) lead free, tape and reel MSL1 260°C Note: Reel Quantity = 3,500 |