| Moteur de recherche de fiches techniques de composants électroniques |
|
ZSC31015EAG1-R Fiches technique(PDF) 39 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZSC31015EAG1-R Fiches technique(HTML) 39 Page - Integrated Device Technology |
|
39 / 52 page ![]() © 2016 Integrated Device Technology, Inc 39 November 14, 2016 ZSC31015 Datasheet 3.6.2.3. Gain_T Interpretation Gain_T should be interpreted as a number in the set [0,2]. Gain_T[7] has a weighting of 1, and each subsequent bit has a weighting of ½ the previous bit. Table 3.9 Gain_T Weightings Bit Position Weighting 7 2 0 = 1 6 2 -1 = 0.5 5 2 -2 = 0.25 4 2 -3 3 2 -4 2 2 -5 1 2 -6 0 2 -7 3.6.2.4. Offset_T Interpretation Offset_T is an 8- bit signed binary number in two’s complement form. The MSB has a weighting of -128. The following bits then have a weighting of 64, 32, 16 … Table 3.10 Offset_T Weightings Bit Position Weighting 7 -128 6 2 6 = 64 5 2 5 = 32 4 2 4 = 16 3 2 3 = 8 2 2 2= 4 1 2 1 = 2 0 2 0 = 1 For example, the binary number 00101001B = 41. |