Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZOPT2202AC9R Fiches technique(PDF) 39 Page - Integrated Device Technology

No de pièce ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Fiches technique(HTML) 39 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 33Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 34Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 35Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 36Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 37Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 38Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 39Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 40Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 41Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
39
September 21, 2016
4.2
TSV Package (1.1  1.2  0.26 mm)
Note: In the following mechanical diagram, the symbol N refers to the number of pins, N1 refers to the number of pin columns, and N2 refers
to the number of rows.
4.2.1 Mechanical Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41