| Moteur de recherche de fiches techniques de composants électroniques |
|
ZOPT2201 Fiches technique(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZOPT2201 Fiches technique(HTML) 13 Page - Integrated Device Technology |
|
13 / 44 page ![]() ZOPT2201 Datasheet © 2016 Integrated Device Technology, Inc 13 September 2, 2016 3. Detailed Description The ZOPT2201 contains 4 different photodiode channels for ambient light measurement, UVB energy level measurement, and temperature compensation. The sensor diodes are arranged in a matrix array. The photodiode currents are converted to digital values by ADCs. The ZOPT2201 also includes some peripheral circuits such as an internal oscillator, current source, voltage reference, and internal one-time programmable non-volatile memory (NVM) to store trimming information. 3.1 Block Diagram of the ZOPT2201 Figure 3.1 Simplified ZOPT2201 Block Diagram I²C Register File INT SDA SCL Main State Machine NVM Oscillator Power-On-Reset Bandgap Regulator Reference GND VDD 1.7 to 3.6V Interrupt Control = Digital Block = Analog Block Sensor Control ADC ALS ADC UVB ADC COMP ADC UV_COMP |