| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8608 Fiches technique(PDF) 29 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8608 Fiches technique(HTML) 29 Page - Wolfson Microelectronics plc |
|
29 / 54 page ![]() Product Preview WM8608 w PP Rev 1.5 March 2004 29 7.1 INPUT –6.1 OUTPUT The Front and Surround channel inputs are passed to the Front and Surround channel outputs. The LFE and the low-frequency contents of the Front, Surround and Rear inputs, may be optionally mixed and passed to the SUB output. The RC OUT channel is obtained from: (RL IN + RR IN)/2 BASS MANAGEMENT The Bass Management function filters and combines the input signals to produce a low-pass filtered output for the sub-woofer channel and high-pass filtered outputs for the remaining channels. The filters have selectable cut-off frequencies to match different types of sub-woofer and satellite speakers. The filters are designed so that the cut-off frequencies for the high-pass and low-pass filters remain constant irrespective of the sampling frequency used. 1 st order filters are used for the low-pass and high-pass filters. LFE FC SUB FR SL FL SR FC RC +10dB + lp lp hp hp lp lp hp hp lp lp hp hp FL FR SL SR RC Figure 20 Bass Management |