| Moteur de recherche de fiches techniques de composants électroniques |
|
SF0603Y221ZDNET Fiches technique(PDF) 1 Page - API Technologies Corp |
|
|
|||||||||||||||||||||||||||||
SF0603Y221ZDNET Fiches technique(HTML) 1 Page - API Technologies Corp |
|
1 / 6 page ![]() API TECHNOLOGIES • 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com API TECHNOLOGIES’ SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58 Surface Mount EMI Filters Three Terminal Chips Features s Excellent performance in high current applications s Non-polar, surface mountable s Superior filtering characteristics s Superb ability to withstand transient voltages and surge s Offers exceptional solderability and resistance to solder heat s Available in 0603, 0805, 1205 and 1806 body size s Two amp current rating available s Available lead free/RoHS Compliant Applications s Cellular telephones and base stations s Telecommunication equipment s Industrial electronic interface or programmable controllers s Electronic automotive equipment s Computer and peripheral equipment Typical Electrical Characteristics Capacitance Range. . . . . . . . . . . . . . . . . COG (NPO) 22 pF to 470 pF . . . . . . . . . . . . . . . . . . . . . X7R 470 pF to 47,000 pF . . . . . . . . . . . . . . . . . . . . . YV5 100,000 pF and 220,000 pF Capacitance Tolerance . . . . . . . . . . . . . . COG (NPO) +50/-20% . . . . . . . . . . . . . . . . . . . . . X7R +50/-20% . . . . . . . . . . . . . . . . . . . . . Y5V +80/-20% Temperature Coefficient. . . . . . . . . . . . . . COG (NPO) 0 ±/30 ppm/°C, . . . . . . . . . . . . . . . . . . . . . -55 to +125°C . . . . . . . . . . . . . . . . . . . . . X7R +/-15%, . . . . . . . . . . . . . . . . . . . . . -55 to +125°C . . . . . . . . . . . . . . . . . . . . . Y5V -25 to +85˚C Insulation Resistance. . . . . . . . . . . . . . up to 22,000 pF 10000 Megohms . . . . . . . . . . . . . . . . . . . . . 47,000 pF 5000 Megohms DC Resistance. . . . . . . . . . . . . . 0.4 Amp or less 0.3 ohm max. . . . . . . . . . . . . . . . . . . . . . 1 Amp 0.08 ohm max. . . . . . . . . . . . . . . . . . . . . . 2 Amp 0.04 ohm max. Rated Voltage . . . . . . . . . . . . . . . . up to 100 VDC Rated Current . . . . . . . . . . . . . . . up to 2 Amps Input Circuit Schematic SM2 |
Numéro de pièce similaire - SF0603Y221ZDNET |
|
Description similaire - SF0603Y221ZDNET |