Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM81 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM81 Datasheet HTML 1Page - National Semiconductor (TI) LM81 Datasheet HTML 2Page - National Semiconductor (TI) LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Ordering Information
Temperature Range
NS Package
Number
−40˚C
≤ T
A ≤ +125˚C
Order Number
Device Marking
LM81CIMT-3
1
LM81CIMT-3
MTC24B
LM81CIMTX-3
2
LM81CIMT-3
MTC24B
Note: 1-Rail transport media, 62 parts per rail
2-Tape and reel transport media, 3400 parts per reel
Connection Diagram
Block Diagram
Pin Description
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
A0/NTEST_OUT
1
1
Digital I/0
The lowest order programmable bit of the serial bus address. This
pin functions as an output during NAND Tree tests (board-level
connectivity testing). Refer to
SECTION 11 on NAND Tree testing.
A1
2
1
Digital Input
The highest order programmable bit of the serial bus address.
SMBData
3
1
Digital I/O
Serial Bus bidirectional Data. Open-drain output.
DS100072-3
DS100072-2
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32