| Moteur de recherche de fiches techniques de composants électroniques |
|
BLD8800-C-R Fiches technique(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
BLD8800-C-R Fiches technique(HTML) 1 Page - Amphenol Corporation |
|
1 / 4 page ![]() MMS2 Complete Protimeter Moisture Measurement System The all new MMS2 represents the latest Protimeter technology in one intuitive, robust and fully functional design. If you’re surveying buildings, inspecting a home, drying a building after a flood, or testing concrete moisture for a flooring application, the MMS2 is the solution for you. • Pin moisture measurement • Non-invasive moisture measurement • Non-contact IR temperature measurement • Fast responding relative humidity and temperature measurement Benefits • Full building moisture diagnostics on easy-to- use instrument • Fast responding hygrometer speeds up building surveys • No need to plug in multiple accessories Features • Intuitive user interface with color screen • Data logging • Firmware upgradable • Psychrometric calculations • Surface non-contact temperature measurement with laser pointer Amphenol Advanced Sensors PROTIMETER |
Numéro de pièce similaire - BLD8800-C-R |
|
Description similaire - BLD8800-C-R |