| Moteur de recherche de fiches techniques de composants électroniques |
|
M30-03M-A-1-R Fiches technique(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
M30-03M-A-1-R Fiches technique(HTML) 1 Page - Amphenol Corporation |
|
1 / 4 page ![]() Modus M Series General Eastern Differential Pressure Transmitters The Modus M Series family of differential pressure transmitters measure low pressures, and feature a variety of analog signal outputs with low power consumption. A wide selection of standard pressure ranges and electrical ratings is available. These transmitters feature no moving parts to wear out, reliable long term stability, and are virtually position insensitive. The Modus M Series transmitters are typically used for monitoring cleanroom pressures, HVAC, velocity pressures, bubbler level systems, and leak detection; as well as filter differential, draft, fume hood, and other low pressure applications. The transmitters are housed in a compact heavy duty, gasketted, cast aluminum enclosure designed to Type 4/IP 65. The die cast aluminum enclosure incorporates a recessed neoprene gasket to prevent ingress of moisture or dust. Wall mounting holes are enclosed in the cast aluminum box and concealed by the cover. The wall mounting holes and the cover attaching screws are outside the gasketted area. Access to the terminals is made through knockouts on the front of the box. A choice of two knockouts and three hole sizes is available to accommodate usage of 1/2 in (12.70 mm) conduit and metric sizes PG11 and PG13. Pluggable terminal block connectors are provided with captive wire protection and captive terminal screws. The Modus M Series includes the M30 Series: • Two-wire • DCVoltageIn • 4to20mAout The span or zero adjustment is performed with a 20 turn potentiometer for fine resolution. The Modus M Series transmitters comply with the European requirements of EMC Directive 2004/108/EC, LVD 2006/95/EC and PED 97/23/EC. Amphenol Advanced Sensors |
Numéro de pièce similaire - M30-03M-A-1-R |
|
Description similaire - M30-03M-A-1-R |