Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT80C196 Fiches technique(PDF) 5 Page - Aeroflex Circuit Technology

No de pièce UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Fiches technique(HTML) 5 Page - Aeroflex Circuit Technology

  UT80C196 Datasheet HTML 1Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 2Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 3Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 4Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 5Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 6Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 7Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 8Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
Notes:
1.
The Unimplemented Opcode and Software Trap interrupts are not prioritized. The Interrupt Controller immediately services these interrupts when they are
asserted. NMI has the highest priority of all prioritized interrupts. Any PTS interrupt has priority over lower priority intterupts, and over all other maskable
interrupts. The standard maskable interrupts are serviced according to their priority number with INT0 has the lowest priority of all interrupts.
2.
These interrupts can be configured to function as independant, external interrupts.
3.
If the Serial interrupt is masked and the Receive and Transmit interrupts are enabled, the RI flag and TI flag generate separate Receive and Transmit inter-
rupts.
4.
If the Receive and Transmit interrupts are masked and the Serial interrupt is enabled, both RI flag and TI flag generate a Serial Port interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42