Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

301201 Fiches technique(PDF) 3 Page - TE Connectivity Ltd

No de pièce 301201
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Fiches technique(HTML) 3 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd 301201 Datasheet HTML 7Page - TE Connectivity Ltd 301201 Datasheet HTML 8Page - TE Connectivity Ltd 301201 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
408-1559
Rev U
3 of 10
TOOL
PRODUCT
WIRE
PART
NO.
COLOR
CODE
DOT
CODE
DESCRIPTION
INSUL COLOR
SIZE RANGE
(AWG)
INSUL DIA
RANGE
STRIP LENGTH
TERMINAL
SPLICE
46121
169485
47304●
Red and
Yellow
1
PIDG Insulation Restricting
Nylon Terminals
Yellow with 3
Black Stripes
26
0.66-1.40
[.026-.055]
4.8-5.6
[3/16-7/32]
---
Yellow with 3
Blue Stripes
24
0.79-1.40
[.031-.055]
47386
47386-5
Red and
Yellow
1
PIDG Insulation
Restricting Nylon
Terminals
MS 7928/1-1 through -10
Yellow with 3
Black Stripes
26
0.66-1.40
[.026-.055]
6.4-7.1
[1/4-9/32]
---
Yellow with 3
Blue Stripes
24
0.79-1.40
[.031-.055]
47386
47386-5
69151-1●
Red and
Yellow
Tool
69151-1
Mod F
Red Only
1
PIDG Insulation Restricting
Nylon Terminals
Red with 3
Green Stripes
22
0.97-1.40
[.038-.055]
6.4-7.1
[1/4-9/32]
---
Red with 3
Red Stripes
20
1.17-2.79
[.046-.110]
Red with 3
White Stripes
18
1.42-2.79
[.056-.110]
47387
Blue and
Green
2
PIDG Insulation Restricting
Nylon Terminals
Blue with 3
Blue Stripes
16
1.60-3.30
[.063-.130]
6.4-7.1
[1/4-9/32]
---
47386
47386-5
Red and
Yellow
1
Spare Wire Cap 328307
Red
22-18
---
8.0-8.7
[5/16-11/32]
47387
Blue and
Green
2
Spare Wire Cap 328308
Blue
16-14
---
48518-2
---
---
PIDG FASTON Receptacles
641321-1 (.187 Series) and
641324-1 (.110 Series)
Yellow■
26-24
---
4.8-5.6
[3/16-7/32]
68343-1
6.35
[.250]
Exp.
Blue
2
PLASTI-GRIP Terminals
Blue
16-14
3.81-6.35
[.150-.250]
5.2-6.0
[13/64-15/64]
---
●Use Tight Insulation Support for Wires with Thin Wall Insulation
■For Reference Only – (Check Product-to-Tool Match Using Part Numbers)
Figure 3 (end)
3. Place the product in the jaws as shown in Figure 4 or Figure 5.
4. Close the tool handles until the product is held firmly in place. DO NOT deform the wire barrel.
5. Insert properly stripped wire(s) into the wire barrel as shown in Figure 4 or Figure 5.
CAUTION
DO NOT allow wire insulation to enter the wire barrel.
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10