Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM78L62ACZ Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM78L62ACZ
Description  3-Terminal Positive Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L62ACZ Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button LM78L62ACZ Datasheet HTML 4Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 5Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 6Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 7Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 8Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 9Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 10Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 11Page - National Semiconductor (TI) LM78L62ACZ Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Applications (Continued)
Adjustable Output Regulator
DS007744-9
VOUT = 5V + (5V/R1 + IQ)R2
5V/R1 > 3IQ, load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of LM78L05)
Current Regulator
DS007744-10
IOUT = (VOUT/R1) + IQ
>I
Q = 1.5 mA over line and load changes
5V, 500 mA Regulator with Short Circuit Protection
DS007744-11
*Solid tantalum.
**Heat sink Q1.
***Optional: Improves ripple rejection and transient response.
Load Regulation: 0.6% 0
≤ IL ≤ 250 mA pulsed with tON = 50 ms.
±15V, 100 mA Dual Power Supply
DS007744-12
*Solid tantalum.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12