Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM759CP Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM759CP
Description  Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM759CP Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM759CP Datasheet HTML 6Page - National Semiconductor (TI) LM759CP Datasheet HTML 7Page - National Semiconductor (TI) LM759CP Datasheet HTML 8Page - National Semiconductor (TI) LM759CP Datasheet HTML 9Page - National Semiconductor (TI) LM759CP Datasheet HTML 10Page - National Semiconductor (TI) LM759CP Datasheet HTML 11Page - National Semiconductor (TI) LM759CP Datasheet HTML 12Page - National Semiconductor (TI) LM759CP Datasheet HTML 13Page - National Semiconductor (TI) LM759CP Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Regulator Applications
Adjustable Dual Tracking Regulator
TLH10075 – 13
Features
Wide Output Voltage Range (g22V to g30V)
Excellent Load Regulation DVO k g5mVfor DIO e g02 A
Excellent Line Regulation DVO k g2mVfor DVI e 10V
Note 1
All resistor values in ohms
10 Amp
12 Volt Regulator
Features
Excellent Load and Line Regulation
TLH10075 – 14
Excellent Temperature Coefficient-Depends
Largely on Tempco of the Reference Zener
Note 1
All resistor values in ohms
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14