Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT2802C Fiches technique(PDF) 2 Page - Active-Semi, Inc

No de pièce ACT2802C
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802C Fiches technique(HTML) 2 Page - Active-Semi, Inc

  ACT2802C Datasheet HTML 1Page - Active-Semi, Inc ACT2802C Datasheet HTML 2Page - Active-Semi, Inc ACT2802C Datasheet HTML 3Page - Active-Semi, Inc ACT2802C Datasheet HTML 4Page - Active-Semi, Inc ACT2802C Datasheet HTML 5Page - Active-Semi, Inc ACT2802C Datasheet HTML 6Page - Active-Semi, Inc ACT2802C Datasheet HTML 7Page - Active-Semi, Inc ACT2802C Datasheet HTML 8Page - Active-Semi, Inc ACT2802C Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
ORDERING INFORMATION
PART NUMBER
OUTPUT FLASHLIGHT
PB TURN
OFF BOOST
LEDS AL-
WAYS ON IN
BOOST
LATCH OFF
AT BOOST
UVLO
BOOST
LIGHT LOAD
OFF TIME
PACKAGE
ACT2802QL-T1028
5V/2.5A
No
Yes
No
Yes
16s
QFN44-24
ACT2802BQL-T1028
5V/2.5A
Yes
No
Yes
Yes
16s
QFN44-24
ACT2802CQL-T1028
5V/2.5A
Yes
No
No
Yes
16s
QFN44-24
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25