Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM78 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LM78 Datasheet HTML 1Page - National Semiconductor (TI) LM78 Datasheet HTML 2Page - National Semiconductor (TI) LM78 Datasheet HTML 3Page - National Semiconductor (TI) LM78 Datasheet HTML 4Page - National Semiconductor (TI) LM78 Datasheet HTML 5Page - National Semiconductor (TI) LM78 Datasheet HTML 6Page - National Semiconductor (TI) LM78 Datasheet HTML 7Page - National Semiconductor (TI) LM78 Datasheet HTML 8Page - National Semiconductor (TI) LM78 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Pin Descriptions (Continued)
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
A2–A0
41–43
3
Digital Input
The three lowest order bits of the 16-bit ISA Address Bus. A0
corresponds to the lowest order bit.
CS
44
1
Digital Input
Chip Select input from an external decoder which decodes high order
address bits on the ISA Address Bus. This is an active low input.
TOTAL PINS
44
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31