| Moteur de recherche de fiches techniques de composants électroniques |
|
SSD1332 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1332 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 24 page ![]() SSD1332 Rev 0.23 08/2003 SOLOMON 11 This block is used to derive the incoming power sources into the different levels of internal use voltage and current. VCC and VDD are external power supplies. VREF is reference voltage, which is used to derive driving voltage for segments and commons. IREF is a reference current source for segment current drivers. Segment Drivers/Common Drivers Segment drivers deliver 288 current sources to drive OLED panel. The driving current can be adjusted from 0 to 200uA with 256 steps. Common drivers generate voltage scanning pulse. |