Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM7172ACPZ-3.3-R7 Fiches technique(PDF) 23 Page - Analog Devices

No de pièce ADM7172ACPZ-3.3-R7
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-3.3-R7 Fiches technique(HTML) 23 Page - Analog Devices

Back Button ADM7172ACPZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 23Page - Analog Devices ADM7172ACPZ-3.3-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADM7172
Data Sheet
Rev. C | Page 22 of 23
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
Heat dissipation from the package can improve by increasing the
amount of copper attached to the pins of the ADM7172. However,
as listed in Table 7, a point of diminishing returns is eventually
reached, beyond which an increase in the copper size does not
yield significant heat dissipation benefits.
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Use of 0805 or 1206 size capacitors and
resistors achieves the smallest possible footprint solution on
boards where area is limited.
Figure 71. Example LFCSP PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24