Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5051 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADP5051
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5051 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADP5051 Datasheet HTML 9Page - Analog Devices ADP5051 Datasheet HTML 10Page - Analog Devices ADP5051 Datasheet HTML 11Page - Analog Devices ADP5051 Datasheet HTML 12Page - Analog Devices ADP5051 Datasheet HTML 13Page - Analog Devices ADP5051 Datasheet HTML 14Page - Analog Devices ADP5051 Datasheet HTML 15Page - Analog Devices ADP5051 Datasheet HTML 16Page - Analog Devices ADP5051 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 13
Choose the correct device I2C address. Select WDI Ver 0x4A for the ADP5051/ADP5053.
q
All registers are initialized to default values.
q
Check the I2C status.
q
Figure 11. ADP5051 GUI Software
MEASURING EVALUATION BOARD PERFORMANCE
Measuring Output Voltage Ripple of the Buck Regulator
To observe the output voltage ripple of Buck 1, place an oscilloscope probe across the output
capacitor (COUT_1) with the probe ground lead at the negative (−) capacitor terminal and the probe
tip at the positive (+) capacitor terminal. Figure 12 shows the typical output ripple waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28