Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4530-1R-EBZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Fiches technique(HTML) 4 Page - Analog Devices

  ADA4530-1R-EBZ Datasheet HTML 1Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 2Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 3Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
UG-865
ADA4530-1R-EBZ User Guide
Rev. 0 | Page 4 of 14
BOARD LAYERS STACKUP
Figure 4. Board Layer Stackup
The ADA4530-1R-EBZ is a 4-layer evaluation board that uses
the Rogers 4350B, a high performance PCB laminate. A hybrid
stackup is required for mechanical strength. The top and bottom
layers are ceramic (Rogers 4350B) while the middle core layer is
a conventional glass epoxy laminate (FR-4). The Rogers 4350B
material provides superior insulation resistance in the presence
of humidity compared to glass/epoxy materials. It minimizes
current leakage and, therefore, increases signal integrity.
Additionally, the dielectric relaxation times of Rogers 4350B are
much shorter than glass/epoxy dielectrics. For more information
on dielectric relaxation, see the ADA4530-1 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14