Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9142ABCPZ Fiches technique(PDF) 47 Page - Analog Devices

No de pièce AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Fiches technique(HTML) 47 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 43Page - Analog Devices AD9142ABCPZ Datasheet HTML 44Page - Analog Devices AD9142ABCPZ Datasheet HTML 45Page - Analog Devices AD9142ABCPZ Datasheet HTML 46Page - Analog Devices AD9142ABCPZ Datasheet HTML 47Page - Analog Devices AD9142ABCPZ Datasheet HTML 48Page - Analog Devices AD9142ABCPZ Datasheet HTML 49Page - Analog Devices AD9142ABCPZ Datasheet HTML 50Page - Analog Devices AD9142ABCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
AD9142A
Data Sheet
REDUCING LO LEAKAGE AND UNWANTED
SIDEBANDS
Analog quadrature modulators can introduce unwanted signals
at the local oscillator (LO) frequency due to dc offset voltages in
the I and Q baseband inputs, as well as feedthrough paths from
the LO input to the output. The LO feedthrough can be nulled
by applying the correct dc offset voltages at the DAC output
using the digital dc offset adjustments (Register 0x3B through
Register 0x3E).
Effective sideband suppression requires both gain and phase
matching of the I and Q signals. The I/Q phase adjust registers
(Register 0x37 and Register 0x38) and the DAC FS adjust
registers (Register 0x18 through Register 0x1B) can be used to
calibrate the I and Q transmit paths to optimize sideband
suppression.
For more information about suppressing LO leakage and
sideband image, refer to the AN-1039 Application Note,
Correcting Imperfections in IQ Modulators to Improve RF Signal
Fidelity and the AN-1100 Application Note, Wireless Transmitter
IQ Balance and Sideband Suppression from the Analog Devices
website.
Rev. A | Page 46 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73