Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM748 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM748
Description  LM748 Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM748 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LM748 Datasheet HTML 1Page - National Semiconductor (TI) LM748 Datasheet HTML 2Page - National Semiconductor (TI) LM748 Datasheet HTML 3Page - National Semiconductor (TI) LM748 Datasheet HTML 4Page - National Semiconductor (TI) LM748 Datasheet HTML 5Page - National Semiconductor (TI) LM748 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH11478
November 1994
LM748 Operational Amplifier
General Description
The LM748 is a general purpose operational amplifier with
external frequency compensation
The unity-gain compensation specified makes the circuit
stable for all feedback configurations even with capacitive
loads It is possible to optimize compensation for best high
frequency performance at any gain As a comparator the
output can be clamped at any desired level to make it com-
patible with logic circuits
The LM748C is specified for operation over the 0 Cto
a
70 C temperature range
Features
Y
Frequency compensation with a single 30 pF capacitor
Y
Operation from g5V to g20V
Y
Continuous short-circuit protection
Y
Operation as a comparator with differential inputs as
high as g30V
Y
No latch-up when common mode range is exceeded
Y
Same pin configuration as the LM101
Connection Diagram
Dual-In-Line Package
TLH11478 – 2
Top View
Order Number LM748CN
See NS Package Number N08B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Numéro de pièce similaire - LM748

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM748 TI1-LM748 Datasheet
141Kb / 7P
Operational Amplifier
LM7480 TI-LM7480 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM7480 TI-LM7480 Datasheet
4Mb / 43P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM7480-Q1 TI1-LM7480-Q1 Datasheet
8Mb / 41P
LM7480x-Q1 Ideal Diode Controller with Load Dump Protection
LM7480-Q1 TI-LM7480-Q1 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
More results

Description similaire - LM748

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6