| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4177-4ARUZ-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4177-4ARUZ-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 31 page ![]() Data Sheet ADA4177-1/ADA4177-2/ADA4177-4 SPECIFICATIONS ELECTRICAL CHARACTERISTICS, ±5 V VSY = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage V OS 8-Lead SOIC and 14-Lead SOIC 2 60 µV −40°C < T A < +125°C 120 µV 8-Lead MSOP 3 120 µV −40°C < T A < +125°C 200 µV 14-Lead TSSOP 3 150 µV −40°C < T A < +125°C 300 µV Offset Voltage Matching 8-Lead SOIC 40 µV 8-Lead MSOP 110 µV Offset Voltage Drift ΔV OS/ΔT −40°C < T A < +125°C 8-Lead SOIC and 14-Lead SOIC 1 µV/°C 8-Lead MSOP and 14-Lead TSSOP 1.6 µV/°C Input Bias Current I B −1 −0.4 +1 nA −40°C < T A < +125°C −2 +2 nA Input Offset Current I OS −0.75 0.1 +0.75 nA −40°C < T A < +125°C −1.5 +1.5 nA Input Voltage Range IVR −3.5 +3.5 V Overvoltage Current Limit1 I OVP 5 V < V CM < 37 V 12 mA −37 V < V CM < −5 V 10 mA Common-Mode Rejection Ratio CMRR V CM = −3.5 V to +3.5 V 122 130 dB −40°C < T A < +125°C 120 dB Large Signal Voltage Gain A VO R L = 2 kΩ, VOUT = −4.5 V to +4.5 V 108 110 dB −40°C < T A < +125°C 100 dB R L = 10 kΩ, VOUT = −4.5 V to +4.5 V 115 120 dB −40°C < T A < +125°C 110 dB Input Capacitance C INDM Differential mode 1 pF C INCM Common mode 1 pF Input Resistance R DIFF Differential mode 4 MΩ R CM Common mode 100 GΩ OUTPUT CHARACTERISTICS Output Voltage High V OH I LOAD = 1 mA 4.95 V −40°C < T A < +125°C 4.90 V I LOAD = 7 mA 4.80 V −40°C < T A < +125°C 4.75 V Low V OL I LOAD = 1 mA −4.95 V −40°C < T A < +125°C −4.90 V I LOAD = 7 mA −4.80 V −40°C < T A < +125°C −4.75 V Output Current I OUT V DROPOUT < 1 V 25 mA Short-Circuit Current I SC T A = 25°C Sourcing 36 mA Sinking 48 mA Closed-Loop Output Impedance Z OUT f = 1 kHz, A V = +1 0.11 Ω Rev. C | Page 3 of 31 |