Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLED-PCB1 Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 14Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
2.3.4.
Microcontroller LED Control
The open-drain output of a microcontroller can control current to the LEDs by outputting a PWM control signal to
the ADJI input. See Figure 2.3 for an example circuit.
Figure 2.3
Driving ADJI Input from a Microcontroller
10k
MC
ADJI
ADJO
GND
ZLED7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22