| Moteur de recherche de fiches techniques de composants électroniques |
|
ZLED7015 Fiches technique(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZLED7015 Fiches technique(HTML) 4 Page - Integrated Device Technology |
|
4 / 22 page ![]() ZLED7015 Datasheet © 2016 Integrated Device Technology, Inc. 4 April 20, 2016 List of Figures Figure 1.1 IOUT vs. VIN with RS = 0.42 Ω............................................................................................................................ 7 Figure 1.2 IOUT vs. VIN with RS = 0.88 Ω............................................................................................................................ 7 Figure 1.3 IOUT vs. VOUT with RS = 0.42 Ω......................................................................................................................... 7 Figure 1.4 IOUT vs. VOUT with RS = 0.88 Ω......................................................................................................................... 7 Figure 1.5 Efficiency vs. VIN with RS = 0.42 Ω .................................................................................................................. 8 Figure 1.6 Efficiency vs. VIN with RS = 0.88 Ω .................................................................................................................. 8 Figure 1.7 Efficiency vs. VOUT with RS = 0.42 Ω................................................................................................................ 9 Figure 1.8 Efficiency vs. VOUT with RS = 0.88 Ω................................................................................................................ 9 Figure 1.9 VFB Reverence Voltage vs. VIN ....................................................................................................................... 9 Figure 1.10 IOUT vs. PWM Duty Cycle................................................................................................................................ 9 Figure 1.11 VOUT, VIN, and IL1 during Soft Start................................................................................................................ 10 Figure 1.12 VOUT, VLX, and IOUT during Typical Operation................................................................................................ 11 Figure 1.13 VOUT, VLX, and IL1 when Over-Voltage Protection (OVP) Threshold is Exceeded ......................................... 11 Figure 2.1 Typical Application Circuit ............................................................................................................................ 13 Figure 2.2 Example Circuit for Controlling Output Current via an External DC Control Voltage .................................... 13 Figure 2.3 Example Circuit for Controlling Output Current via a PWM Control Signal................................................... 14 Figure 2.4 Example Circuit for Constant Voltage Source Applications .......................................................................... 16 Figure 6.1 ZLED7015 Pin Configuration—MSOP-10 Package...................................................................................... 19 Figure 6.2 MSOP-10 Package Dimensions for the ZLED7015...................................................................................... 20 List of Tables Table 1.1 Absolute Maximum Ratings............................................................................................................................ 5 Table 1.2 Operating Conditions...................................................................................................................................... 5 Table 1.3 Electrical Parameters ..................................................................................................................................... 6 Table 6.1 Pin Description MSOP-10............................................................................................................................. 19 |