Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLED-PCB2 Fiches technique(PDF) 8 Page - Integrated Device Technology

No de pièce ZLED-PCB2
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB2 Fiches technique(HTML) 8 Page - Integrated Device Technology

Back Button ZLED-PCB2 Datasheet HTML 4Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 5Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
8
April 20, 2016


+
∗
=
pF
10
C
1
ns
510
T
OFF
TIME
_
OFF
LED
CSTH
CS
I
15
.
1
V
R
∗
=
2.4.
Current Sensing
Assuming a 30% current ripple in the inductor, the sense resistor RCS can be calculated as shown in equation (3):
(3)
Where
VCSTH = 240mV (typical)
The current sense input of the ZLED7001 is connected to the non-inverting inputs of two comparators. The
inverting terminal of one comparator is tied to an internal 240mV reference and the inverting terminal of the other
comparator is connected to the LD pin. The outputs of both comparators are fed into an OR gate, and the output
of the OR gate is connected to the reset pin of the flip-flop. Thus, the comparator that has the lower voltage at the
inverting input determines when the GATE output is turned off.
The comparator outputs also include a typical 480ns blanking time that prevents spurious turn-offs of the external
MOSFET due to the turn-on spike normally present as a result of transistor gate-source capacitance. In rare
cases, this internal blanking time might not be enough to filter out the turn-on spike. If so, an external RC filter
must be added between the external sense resistor (RCS) and the CS pin.
Note that the comparators are relatively fast: 80ns typical response time. Invalid triggering by these comparators
could result if the layout fails to minimize external inductances.
2.5.
Timing Circuit
The timing circuit in the ZLED7001 is controlled by a single capacitor connected from TOFF to ground.
TOFF, the time of the cycle period, is given by equation (4):
(4)
2.6.
PWM Dimming Application Circuit
For PWM dimming applications, the ZLED7001’s PWMD pin is driven with a low-frequency square-wave control
signal. The GATE pin’s driver is enabled when the control signal is high and disabled when the control signal is
low. The LED current’s rise and fall rate is controlled only by the inductance value, the supply voltage, and LED
forward voltage.
If the PWMD pin is allowed to float, the PWM dimming function is disabled.
2.7.
Linear Dimming Application Circuit
For linear dimming applications, an external voltage ranging from 50mV (typical) to 240mV (typical) is applied to
the LD (linear dimming) pin to control the LED current during operation. Linear dimming can be used to adjust the
LED current level to reduce the LED’s brightness. In this case, connect a resistor between the VREF pin and the
LD pin and connect a negative-temperature-coefficient (NTC) thermistor between the LD pin and ground. The
ZLED7001 can also provide temperature compensation, (see the application circuit on page 1 and section 2.8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14