Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLED7000 Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce ZLED7000
Description  40V LED Driver with Internal Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7000 Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button ZLED7000 Datasheet HTML 7Page - Integrated Device Technology ZLED7000 Datasheet HTML 8Page - Integrated Device Technology ZLED7000 Datasheet HTML 9Page - Integrated Device Technology ZLED7000 Datasheet HTML 10Page - Integrated Device Technology ZLED7000 Datasheet HTML 11Page - Integrated Device Technology ZLED7000 Datasheet HTML 12Page - Integrated Device Technology ZLED7000 Datasheet HTML 13Page - Integrated Device Technology ZLED7000 Datasheet HTML 14Page - Integrated Device Technology ZLED7000 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
2.3.4
Microcontroller LED Control
A microcontroller’s open-drain output can control current to the LED(s) by outputting a PWM control signal to the
ADJ input of the ZLED7000. See Figure 2.1 for an example circuit.
Figure 2.3
Driving ADJ Input from a Microcontroller
10k
MC
ADJ
GND
ZLED7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18