Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P9242-RNDGI8 Fiches technique(PDF) 6 Page - Integrated Device Technology

No de pièce P9242-RNDGI8
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-RNDGI8 Fiches technique(HTML) 6 Page - Integrated Device Technology

Back Button P9242-RNDGI8 Datasheet HTML 2Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 3Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 4Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 5Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 6Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 7Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 8Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 9Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
6
December 16, 2016
2. Pin Descriptions
Table 1.
Pin Descriptions
Pins
Name
Type
Function
1
EN
Input
Active-LOW enable pin. When connected to logic HIGH, the P9242-R enters the Shut
Down Mode, which has a typical current consumption of 25µA. When connected to
logic LOW, the device is in normal operation.
2, 6, 34, 41, EP GND
–
Ground connection.
3
PREG
Output
Regulated 5V output used for internal device biasing. Connect a 1µF capacitor from
this pin to ground. This pin must not be externally loaded.
4
VIN
Input
Input power supply. Connect a 10µF capacitor from this pin to ground.
5
SW_S
Output
Step-down regulator`s switch node. Connect one of the terminals of the 4.7µH
inductor to this pin.
7
LDO33
Output
Regulated 3.3V output used for internal device biasing. Connect a 1µF capacitor
from this pin to ground. This pin should not be externally loaded.
8
VIN_LDO
Input
Linear regulator input power supply. Connected this pin to the 5V output of the step-
down regulator.
9
LDO18
Output
Regulated 1.8V output used for internal device biasing. Connect a 1µF capacitor
from this pin to ground. This pin should not be externally loaded.
10
LED1
Input
Open-drain output. Connect an LED to this pin
11
LED2
Open-drain output. Connect an LED to this pin.
12
VDDIO
Input
Input power supply for internal biasing. This pin must be connected to LDO33.
13
D-
Input
Logic I/O for USB travel adaptor detection.
14
D+
Input
Logic I/O for USB travel adaptor detection.
15
SCL
Input
I2C interface clock input. Connect a 5.1kΩ pull-up resistor to LDO33 rail.
16
SDA
I/O
I2C interface data input and data output, connect a 5.1kΩ pull-up resistor to LDO33
rail.
17
ILIM
Input
Programmable over-current limit pin. Connect the center tap of the resistor divider to
this pin to set the current-limit threshold. For more information, see section 7.1.
18
LED_PAT
Input
Programmable LED pattern selection. Connect the center tap of the resistor divider to
this pin. For more information on various LED blinking patterns, see section 7.8.
19
VCOIL
Input
Input for coil voltage sensing.
20
TS
Input
Remote temperature sensor for over-temperature shutdown. Connect to the NTC
thermistor network. If not used, connect to the LDO33 pin through the 10kΩ resistor.
21
BUZR
Output
Buzzer output. Connect a buzzer to this pin.
22
OVP_CTL
I/O
Logic HIGH during power transfer phase used to scale down the voltage to detect
over-voltage for VCOIL pin.
23
Q_DRV1
I/O
Control signal for Q factor measurement circuit.
24
Q_DRV2
I/O
Control signal for Q factor measurement circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31