| Moteur de recherche de fiches techniques de composants électroniques |
|
MB90438LPF Fiches technique(PDF) 2 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90438LPF Fiches technique(HTML) 2 Page - Cypress Semiconductor |
|
2 / 61 page ![]() FUJITSU MICROELECTRONICS DATA SHEET Copyright©2002-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved 2008.8 The information for microcontroller supports is shown in the following homepage. Be sure to refer to the "Check Sheet" for the latest cautions on development. "Check Sheet" is seen at the following support page "Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in system development. http://edevice.fujitsu.com/micom/en-support/ 16-bit Proprietary Microcontroller CMOS F2MC-16LX MB90435 Series MB90437L (S) /438L (S) /F438L (S) MB90439 (S) /F439 (S) /V540G ■ DESCRIPTION The MB90435 series with FLASH ROM is specially designed for industrial applications. The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MC* family with additional instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instruc- tions, and enhanced bit manipulation instructions.The micro controller has a 32-bit accumulator for processing long word data. The MB90435 series has peripheral resources of 8/10-bit A/D converters, UART (SCI) , extended I/O serial interfaces, 8/16-bit timer, I/O timer (input capture (ICU) , output compare (OCU) ) . * : F2MC is the abbreviation of FUJITSU Flexible Microcontroller. ■ FEATURES •Clock Embedded PLL clock multiplication circuit Operating clock (PLL clock) can be selected from : divided-by-2 of oscillation or one to four times the oscillation Minimum instruction execution time : 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock, VCC of 5.0 V) Subsystem Clock : 32 kHz (Continued) DS07-13727-2E |