| Moteur de recherche de fiches techniques de composants électroniques |
|
MB90F438LPF Fiches technique(PDF) 14 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F438LPF Fiches technique(HTML) 14 Page - Cypress Semiconductor |
|
14 / 61 page ![]() MB90435 Series DS07-13727-2E 13 ■ I/O CIRCUIT TYPE (Continued) Circuit type Diagram Remarks A • High-speed oscillation feedback resistor : 1 M Ω approx. • Low-speed oscillation feedback resistor : 10 M Ω approx. B • Hysteresis input • Pull-up resistor : 50 k Ω approx. C • Hysteresis input D • CMOS level output • CMOS Hysteresis input X1,X1A X0,X0A Hard, soft standby control Clock input R R (Pull-up) HYS input R HYS input R P-ch N-ch HYS input VCC |