Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F467DB Fiches technique(PDF) 25 Page - Cypress Semiconductor

No de pièce MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Fiches technique(HTML) 25 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 21Page - Cypress Semiconductor MB91F467DB Datasheet HTML 22Page - Cypress Semiconductor MB91F467DB Datasheet HTML 23Page - Cypress Semiconductor MB91F467DB Datasheet HTML 24Page - Cypress Semiconductor MB91F467DB Datasheet HTML 25Page - Cypress Semiconductor MB91F467DB Datasheet HTML 26Page - Cypress Semiconductor MB91F467DB Datasheet HTML 27Page - Cypress Semiconductor MB91F467DB Datasheet HTML 28Page - Cypress Semiconductor MB91F467DB Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 25 of 137
MB91460D Series
7. Block Diagram
7.1 MB91F465DA, MB91F467Dx
DREQ0
DACKX0
DEOP0
DEOTX0
AIN0,AIN2,AIN3
BIN0,BIN2,BIN3
ZIN0,ZIN2,ZIN3
TTG8 to TTG11, TTG4/12 to TTG7/15
PPG4 to PPG15
TIN0 to TIN7
TOT0 to TOT3
CK2,CK4 to CK7
ICU0 to ICU7
OCU0 to OCU3
ALARM_0
PFM
SDA0,SDA2,SDA3
SCL0,SCL2,SCL3
AN0 to AN7,
AN16 to AN31
ATGX
SGA
SGO
SIN2,SIN4 to SIN7
SOT2,SOT4 to SOT7
SCK2,SCK4 to SCK7
SMC1P0 to SMC1P5
SMC1M0 to SMC1M5
SMC2M0 to SMC2M5
SMC2P0 to SMC2P5
ASX
RDX
WRX0 to WRX3
MCLKI
BGRNTX
CSX0 to CSX3,CSX6,CSX7
A0 to A25
D0 to D31
RX0 to RX2
TX0 to TX2
R-bus
16
I-bus
32
D-bus
32
FR60 CPU
core
Flash-Cache
8 Kbytes
Flash memory
1088 Kbytes (MB91F467Dx)
544 Kbytes (MB91F465DA)
ID-RAM
32 Kbytes
(MB91F467Dx)
16 Kbytes
(MB91F465DA)
Bus converter
D-RAM
32 Kbytes
Bit search
CAN
3 channels
32 <-> 16
bus adapter
External
bus
interface
DMAC
5 channels
BRQ
MCLKE
MCLKO
WEX
BAAX
Clock modulator
Clock monitor
MONCLK
Interrupt controller
INT0 to INT10,
INT12 to INT14
External interrupt
14 channels
Clock supervisor
Clock control
PPG timer
12 channels
Reload timer
8 channels
Free-run timer
8 channels
Input capture
8 channels
Output compare
4 channels
Up/down counter
3 channels
PFM timer
1 channel
Alarm comparator
1 channel
LIN-USART
5 channels
3 channels
I C
2
Real time clock
A/D converter
24 channels
Stepper motor controller
6 channels
Sound generator
1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More