Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F467DA Fiches technique(PDF) 4 Page - Cypress Semiconductor

No de pièce MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Fiches technique(HTML) 4 Page - Cypress Semiconductor

  MB91F467DA Datasheet HTML 1Page - Cypress Semiconductor MB91F467DA Datasheet HTML 2Page - Cypress Semiconductor MB91F467DA Datasheet HTML 3Page - Cypress Semiconductor MB91F467DA Datasheet HTML 4Page - Cypress Semiconductor MB91F467DA Datasheet HTML 5Page - Cypress Semiconductor MB91F467DA Datasheet HTML 6Page - Cypress Semiconductor MB91F467DA Datasheet HTML 7Page - Cypress Semiconductor MB91F467DA Datasheet HTML 8Page - Cypress Semiconductor MB91F467DA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 4 of 137
MB91460D Series
1. Product Lineup
Feature
MB91V460A
MB91F465DA
MB91F467DA
MB91F467DB
Max. core frequency (CLKB)
80MHz
100MHz
96MHz
Max. resource frequency (CLKP)
40MHz
50MHz
48MHz
Max. external bus freq. (CLKT)
40MHz
50MHz
48MHz
Max. CAN frequency
(CLKCAN)
20MHz
50MHz
48MHz
Max. FlexRay frequency (SCLK)
-
-
-
Technology
0.35μm0.18μm0.18μm
Watchdog timer
yes
yes
yes
Watchdog timer
(RC osc. based)
yes (disengageable)
yes
yes
Bit Search
yes
yes
yes
Reset input (INITX)
yes
yes
yes
Hardware Standby input (HSTX)
yes
no
no
Clock Modulator
yes
yes
yes
Clock Monitor
yes
yes
yes
Low Power Mode
yes
yes
yes
DMA
5 ch
5 ch
5 ch
MAC (uDSP)
no
no
no
MMU/MPU
MPU (16 ch) 1)
MPU (8 ch) 1)
MPU (8 ch) 1)
Flash memory
Emulation SRAM 32bit read
data
544 KByte
1088 KByte
Satellite Flash memory
-
no
no
Flash Protection
-
yes
yes
D-RAM
64 KByte
32 KByte
32 KByte
ID-RAM
64 KByte
16 KByte
32 KByte
Flash-Cache
(Instruction cache)
16 KByte
8 KByte
8 KByte
Boot-ROM / BI-ROM
4 KByte fixed
4 KByte
4 KByte
RTC
1 ch
1 ch
1 ch
Free Running Timer
8 ch
8 ch
8 ch
ICU
8 ch
8 ch
8 ch
OCU
8 ch
4 ch
4 ch
Reload Timer
8 ch
8 ch
8 ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More