Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3F Fiches technique(PDF) 1 Page - Kingtronics International Company

No de pièce MB3F
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGTRONICS [Kingtronics International Company]
Site Internet  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

MB3F Fiches technique(HTML) 1 Page - Kingtronics International Company

  MB3F Datasheet HTML 1Page - Kingtronics International Company MB3F Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SURFACE MOUNT FAST SWITCHING RECTIFIER
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 1.0 Ampere
FEATURES
Glass passivated chip junction
Ideal for surface mounted applications
Low leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic body
Epoxy: UL94V-0 rate flame retardant
Polarity: Molded on body
Lead: Plated terminals solderable per MIL-STD-202E
method 208C
Weight: 0.003 ounce, 0.1 gram
MAXIMUM RATINGS AND ELECTRICAL
CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
MB1F
MB2F
MB3F
MB4F
MB6F
MB8F
MB10F
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Output Current, 0.06”(1.5mm) lead length at
TA=40℃ (Note 2)
I(AV)
1.0
A
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC
method)
IFSM
30
A
Rating for Fusing (t<8.3ms)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage
drop Per Bridge element 1.0A
VF
1.1
V
Maximum DC Reverse Current at TA=25℃
at Rated DC Blocking voltage
TA=125℃
IR
5.0
0.5
uA
mA
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJC
40
℃/W
Operating and Storage Temperature Range
TJ , TSTG
-55 to +150
℃
1- Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
2- Unit mounted on P.C.B. with 0.95”×1.15” copper pads.
MB1F THRU
MB10F
MBF
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Numéro de pièce similaire - MB3F

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
MB3F SUNTAN-MB3F Datasheet
224Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
More results

Description similaire - MB3F

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
IS1A ETC1-IS1A Datasheet
186Kb / 2P
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A Datasheet
170Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
GS1A-GS1M KINGTRONICS-GS1A-GS1M Datasheet
904Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
M1-THRU-M7 KINGTRONICS-M1-THRU-M7 Datasheet
892Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
US1A-US1M KINGTRONICS-US1A-US1M Datasheet
898Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
GR1A GOOD-ARK-GR1A_15 Datasheet
169Kb / 2P
Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
ABS1-ABS10 KINGTRONICS-ABS1-ABS10 Datasheet
378Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
DB101-DB107 KINGTRONICS-DB101-DB107_16 Datasheet
363Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
First Silicon Co., Ltd
UF4001 FS-UF4001 Datasheet
207Kb / 2P
Reverse Voltage 50 to 1000 Volts, Forward Current 1.0 Ampere
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com