Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F442-E/P Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Fiches technique(HTML) 5 Page - Microchip Technology

  PIC18F442-E/P Datasheet HTML 1Page - Microchip Technology PIC18F442-E/P Datasheet HTML 2Page - Microchip Technology PIC18F442-E/P Datasheet HTML 3Page - Microchip Technology PIC18F442-E/P Datasheet HTML 4Page - Microchip Technology PIC18F442-E/P Datasheet HTML 5Page - Microchip Technology PIC18F442-E/P Datasheet HTML 6Page - Microchip Technology PIC18F442-E/P Datasheet HTML 7Page - Microchip Technology PIC18F442-E/P Datasheet HTML 8Page - Microchip Technology PIC18F442-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 3
PIC18FXX2
Pin Diagrams (Cont.’d)
RB7/PGD
RB6/PGC
RB5/PGM
RB4
RB3/CCP2
*
RB2/INT2
RB1/INT1
RB0/INT0
VDD
VSS
RD7/PSP7
RD6/PSP6
RD5/PSP5
RD4/PSP4
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
RD3/PSP3
RD2/PSP2
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2/VREF-
RA3/AN3/VREF+
RA4/T0CKI
RA5/AN4/SS/LVDIN
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKI
OSC2/CLKO/RA6
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
*
RC2/CCP1
RC3/SCK/SCL
RD0/PSP0
RD1/PSP1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
10
11
2
3
4
5
6
1
8
7
9
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
22
21
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2/VREF-
RA3/AN3/VREF+
RA4/T0CKI
RA5/AN4/SS/LVDIN
VSS
OSC1/CLKI
OSC2/CLKO/RA6
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
*
RC2/CCP1
RC3/SCK/SCL
RB7/PGD
RB6/PGC
RB5/PGM
RB4
RB3/CCP2
*
RB2/INT2
RB1/INT1
RB0/INT0
VDD
VSS
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
* RB3 is the alternate pin for the CCP2 pin multiplexing.
DIP
DIP, SOIC
Note: Pin compatible with 40-pin PIC16C7X devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More