| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F577CSPMC Fiches technique(PDF) 40 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CSPMC Fiches technique(HTML) 40 Page - Cypress Semiconductor |
|
40 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 40 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 143 P006 M General-Purpose I/O Port TOT2_2 Reload Timer Output pin ch.2 relocation 2 PPG6_0 PPG Output pin ch.6 relocation 0 INT6_1 External Interrupt Request Input pin ch.6 relocation 1 144 P007 M General-Purpose I/O Port TOT3_2 Reload Timer Output pin ch.3 relocation 2 PPG7_0 PPG Output pin ch.7 relocation 0 INT7_1 External Interrupt Request Input pin ch.7 relocation 1 145 Non connection - Non connection 146 P097 M General-Purpose I/O Port WOT RTC Overflow Output pin SOT3_0 LIN_UART Serial Output pin ch.3 relocation 0 INT8_0 External Interrupt Request Input pin ch.8 relocation 0 TIN0_0 Reload Timer Event Input pin ch.0 relocation 0 ICU4_1 Input Capture Input pin ch.4 relocation 1 PPG0_1 PPG Output pin ch.0 relocation 1 147 P094 M General-Purpose I/O Port SGO1 Sound Generator SGO Output pin ch.1 SIN3_0 LIN_UART Serial Input pin ch.3 relocation 0 INT15_0 External Interrupt Request Input pin ch.15 relocation 0 ICU1_1 Input Capture Input pin ch.1 relocation 1 PPG9_1 PPG Output pin ch.9 relocation 1 148 P093 M General-Purpose I/O Port SGA1 Sound Generator SGA Output pin ch.1 SOT2_0 LIN_UART Serial Output pin ch.2 relocation 0 INT14_0 External Interrupt Request Input pin ch.14 relocation 0 ICU3_1 Input Capture Input pin ch.3 relocation 1 PPG8_1 PPG Output pin ch.8 relocation 1 149 P092 M General-Purpose I/O Port SGO0 Sound Generator SGO Output pin ch.0 SCK2_0 LIN_UART Serial Clock I/O pin ch.0 relocation 0 INT13_0 External Interrupt Request Input pin ch.13 relocation 0 TOT3_1 Reload Timer Output pin ch.3 relocation 1 ICU0_1 Input Capture Input pin ch.0 relocation 1 PPG7_1 PPG Output pin ch.7 relocation 1 150 P091 M General-Purpose I/O Port SGA0 Sound Generator SGA Output pin ch.0 SIN2_0 LIN_UART Serial Input pin ch.2 relocation 0 INT12_0 External Interrupt Request Input pin ch.12 relocation 0 TOT2_1 Reload Timer Output pin ch.2 relocation 1 ICU2_1 Input Capture Input pin ch.2 relocation 1 PPG6_1 PPG Output pin ch.6 relocation 1 151 P110 M General-Purpose I/O Port TX1 CAN TX Data Output pin ch.1 PPG1_2 PPG Output pin ch.1 relocation 2 FRCK5_0 Free-Run Timer Clock Input pin ch.5 relocation 0 152 P111 M General-Purpose I/O Port RX1 CAN RX Data Input pin ch.1 INT10_0 External Interrupt Request Input pin ch.10 relocation 0 PPG2_2 PPG Output pin ch.2 relocation 2 |