| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F575CSPMC Fiches technique(PDF) 26 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F575CSPMC Fiches technique(HTML) 26 Page - Cypress Semiconductor |
|
26 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 26 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 121 P126 M General-Purpose I/O Port TRG0 PPG Trigger Input pin 0 (ch.0-ch.3) SIN0_0 Multi-function Serial Input pin ch.0 relocation 0 INT1_0 External Interrupt Request Input pin ch.1 relocation 0 OCU4_0 Output Compare Output pin ch.4 relocation 0 122 P127 N General-Purpose I/O Port SOT0_0 Multi-function Serial Output pin ch.0 relocation 0 OCU5_0 Output Compare Output pin ch.5 relocation 0 123 P130 N General-Purpose I/O Port SCK0_0 Multi-function Serial Clock I/O pin ch.0 relocation 0 INT0_0 External Interrupt Request Input pin ch.0 relocation 0 ICU1_0 Input Capture Input pin ch.1 relocation 0 TIOA0 Base Timer Output pin ch.0 124 P131 M General-Purpose I/O Port TRG1 PPG Trigger Input pin 1 (ch.4-ch.7) SIN1_0 Multi-function Serial Input pin ch.1 relocation 0 INT4_0 External Interrupt Request Input pin ch.4 relocation 0 ICU2_0 Input Capture Input pin ch.2 relocation 0 TIOA1 Base Timer I/O pin ch.1 125 P132 N General-Purpose I/O Port SOT1_0 Multi-function Serial Output pin ch.1 relocation 0 INT2_0 External Interrupt Request Input pin ch.2 relocation 0 ICU3_0 Input Capture Input pin ch.3 relocation 0 TIOB0 Base Timer Input pin ch.0 126 P133 N General-Purpose I/O Port SCK1_0 Multi-function Serial Clock I/O pin ch.1 relocation 0 INT3_0 External Interrupt Request Input pin ch.3 relocation 0 ICU4_0 Input Capture Input pin ch.4 relocation 0 TIOB1 Base Timer Input pin ch.1 PPG11_1 PPG Output pin ch.11 relocation 1 TRG5 PPG Trigger Input pin 5 (ch.20-ch.23) 127 P134 M General-Purpose I/O Port TRG2 PPG Trigger Input pin 2 (ch.8-ch.11) INT5_0 External Interrupt Request Input pin ch.5 relocation 0 ICU5_0 Input Capture Input pin ch.5 relocation 0 PPG1_3 PPG Output pin ch.1 relocation 3 131 P000 M General-Purpose I/O Port D16_0 External Bus Data I/O pin SIN2_1 LIN_UART Serial Input pin ch.2 relocation 1 TIN0_2 Reload Timer Event Input pin ch.0 relocation 2 PPG0_0 PPG Output pin ch.0 relocation 0 D24_1 External Bus Data I/O pin INT0_1 External Interrupt Request Input pin ch.0 relocation 1 |