Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F575B Fiches technique(PDF) 19 Page - Cypress Semiconductor

No de pièce MB91F575B
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F575B Fiches technique(HTML) 19 Page - Cypress Semiconductor

Back Button MB91F575B Datasheet HTML 15Page - Cypress Semiconductor MB91F575B Datasheet HTML 16Page - Cypress Semiconductor MB91F575B Datasheet HTML 17Page - Cypress Semiconductor MB91F575B Datasheet HTML 18Page - Cypress Semiconductor MB91F575B Datasheet HTML 19Page - Cypress Semiconductor MB91F575B Datasheet HTML 20Page - Cypress Semiconductor MB91F575B Datasheet HTML 21Page - Cypress Semiconductor MB91F575B Datasheet HTML 22Page - Cypress Semiconductor MB91F575B Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 19 of 163
MB91570 Series
Pin
Number
Pin Name
I/O Circuit
Type
Function Description
47
P064
K
General-Purpose I/O Port
PWM1P1
SMC Output pin ch.1
AN12
ADC Analog Input pin ch.12
AIN1_1
Up/down Counter AIN Input pin ch.1 relocation 1
SIN0_1
Multi-function Serial Input pin ch.0 relocation 1
48
P065
K
General-Purpose I/O Port
PWM1M1
SMC Output pin ch.1
AN13
ADC Analog Input pin ch.13
ZIN0_1
Up/down Counter ZIN Input pin ch.0 relocation 1
SOT0_1
Multi-function Serial Output pin ch.0 relocation 1
49
P066
K
General-Purpose I/O Port
PWM2P1
SMC Output pin ch.1
AN14
ADC Analog Input pin ch.14
BIN0_1
Up/down Counter BIN Input pin ch.0 relocation 1
SCK0_1
Multi-function Serial Clock I/O pin ch.0 relocation 1
50
P067
K
General-Purpose I/O Port
PWM2M1
SMC Output pin ch.1
AN15
ADC Analog Input pin ch.15
AIN0_1
Up/down Counter AIN Input pin ch.0 relocation 1
SIN9_1
Multi-function Serial Input pin ch.9 relocation 1
53
P070
K
General-Purpose I/O Port
PWM1P2
SMC Output pin ch.2
AN16
ADC Analog Input pin ch.16
SOT9_1
Multi-function Serial Output pin ch.9 relocation 1
54
P071
K
General-Purpose I/O Port
PWM1M2
SMC Output pin ch.2
AN17
ADC Analog Input pin ch.17
SCK9_1
Multi-function Serial Clock I/O pin ch.9 relocation 1
55
P072
K
General-Purpose I/O Port
PWM2P2
SMC Output pin ch.2
AN18
ADC Analog Input pin ch.18
ICU11_1
Input Capture Input pin ch.11 relocation 1
SIN8_1
Multi-function Serial Input pin ch.8 relocation 1
56
P073
K
General-Purpose I/O Port
PWM2M2
SMC Output pin ch.2
AN19
ADC Analog Input pin ch.19
ICU10_1
Input Capture Input pin ch.10 relocation 1
SOT8_1
Multi-function Serial Output pin ch.8 relocation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More