Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB39C015 Fiches technique(PDF) 19 Page - Cypress Semiconductor

No de pièce MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Fiches technique(HTML) 19 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 15Page - Cypress Semiconductor MB39C015 Datasheet HTML 16Page - Cypress Semiconductor MB39C015 Datasheet HTML 17Page - Cypress Semiconductor MB39C015 Datasheet HTML 18Page - Cypress Semiconductor MB39C015 Datasheet HTML 19Page - Cypress Semiconductor MB39C015 Datasheet HTML 20Page - Cypress Semiconductor MB39C015 Datasheet HTML 21Page - Cypress Semiconductor MB39C015 Datasheet HTML 22Page - Cypress Semiconductor MB39C015 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 19 of 43
10.6 Transient response
Normally, IOUT is suddenly changed while VIN and VOUT are maintained constant, responsiveness including the response time and
overshoot/undershoot voltage is checked. As this IC has built-in Error Amp with an optimized design, it shows good transient response
characteristics. However, if ringing upon sudden change of the load is high due to the operating conditions, add capacitor C6 (e.g. 0.1
F). (Since this capacitor C6 changes the start time, check the start waveform as well.) This action is not required for DAC input.
R2
R1
VREF
VREFIN
VREF
VREFIN1/
VREFIN2
MB39C015
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43