Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB95F616K Fiches technique(PDF) 6 Page - Cypress Semiconductor

No de pièce MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Fiches technique(HTML) 6 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 2Page - Cypress Semiconductor MB95F616K Datasheet HTML 3Page - Cypress Semiconductor MB95F616K Datasheet HTML 4Page - Cypress Semiconductor MB95F616K Datasheet HTML 5Page - Cypress Semiconductor MB95F616K Datasheet HTML 6Page - Cypress Semiconductor MB95F616K Datasheet HTML 7Page - Cypress Semiconductor MB95F616K Datasheet HTML 8Page - Cypress Semiconductor MB95F616K Datasheet HTML 9Page - Cypress Semiconductor MB95F616K Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 6 of 110
PRELIMINARY
MB95610H Series
(Continued)
Part number
Parameter
MB95F613H
MB95F614H
MB95F616H
MB95F613K
MB95F614K
MB95F616K
Flash memory
• It supports automatic programming (Embedded Algorithm), and program/erase/erase-suspend/erase-resume
commands.
• It has a flag indicating the completion of the operation of Embedded Algorithm.
• Flash security feature for protecting the content of the Flash memory
Standby mode
There are four standby modes as follows:
• Stop mode
• Sleep mode
• Watch mode
• Time-base timer mode
In standby mode, two further options can be selected: normal standby mode and deep standby mode.
Package
FPT-80P-M37
Number of program/erase cycles
1000
10000
100000
Data retention time
20 years
10 years
5 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More