| Moteur de recherche de fiches techniques de composants électroniques |
|
MB95F613K Fiches technique(PDF) 39 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F613K Fiches technique(HTML) 39 Page - Cypress Semiconductor |
|
39 / 110 page ![]() Document Number: 002-04698 Rev. *A Page 39 of 110 PRELIMINARY MB95610H Series 15.2 Port 1 Port 1 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral functions, refer to their respective chapters in “New 8FX MB95610H Series Hardware Manual”. 15.2.1 Port 1 configuration Port 1 is made up of the following elements. ■ General-purpose I/O pins/peripheral function I/O pins ■ Port 1 data register (PDR1) ■ Port 1 direction register (DDR1) ■ Port 1 pull-up register (PUL1) 15.2.2 Block diagrams of port 1 ■ P12/DBG pin This pin has the following peripheral function: ❐ DBG input pin (DBG) ■ Block diagram of P12/DBG PDR1 Pin PDR1 read PDR1 write Executing bit manipulation instruction DDR1 read DDR1 write DDR1 0 1 Stop mode, watch mode (SPL = 1) OD |