| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4898-2YRDZ-R7 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4898-2YRDZ-R7 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 20 page ![]() High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp Data Sheet ADA4898-1/ADA4898-2 FEATURES Ultralow noise 0.9 nV/√Hz 2.4 pA/√Hz 1.2 nV/√Hz at 10 Hz Ultralow distortion: −93 dBc at 500 kHz Wide supply voltage range: ±5 V to ±16 V High speed −3 dB bandwidth: 65 MHz (G = +1) Slew rate: 55 V/µs Unity gain stable Low input offset voltage: 160 µV maximum Low input offset voltage drift: 1 μV/°C Low input bias current: −0.1 µA Low input bias current drift: 2 nA/°C Supply current: 8 mA Power-down feature for single 8-lead package APPLICATIONS Instrumentation Active filters DAC buffers SAR ADC drivers Optoelectronics CONNECTION DIAGRAM NC 1 –IN 2 +IN 3 –VS 4 PD 8 +VS 7 VOUT 6 NC 5 NC = NO CONNECT TOP VIEW (Not to Scale) ADA4898-1 Figure 1. Single 8-Lead ADA4898-1 SOIC_N_EP (RD-8-1) VOUT1 1 –IN1 2 +IN1 3 –VS 4 +VS 8 VOUT2 7 –IN2 6 +IN2 5 ADA4898-2 TOP VIEW (Not to Scale) Figure 2. Dual 8-Lead ADA4898-2 SOIC_N_EP (RD-8-2) GENERAL DESCRIPTION The ADA4898-1/ADA4898-2 are ultralow noise and distortion, unity gain stable, voltage feedback op amps that are ideal for use in 16-bit and 18-bit systems with power supplies from ±5 V to ±16 V. The ADA4898-1/ADA4898-2 feature a linear, low noise input stage and internal compensation that achieves high slew rates and low noise. With the wide supply voltage range, low offset voltage, and wide bandwidth, the ADA4898-1/ADA4898-2 are extremely versatile, and feature a cancellation circuit that reduces input bias current. The ADA4898-1/ADA4898-2 are available in an 8-lead SOIC package that features an exposed metal paddle to improve power dissipation and heat transfer to the negative supply plane. This EPAD offers a significant thermal relief over traditional plastic packages. The ADA4898-1/ADA4898-2 are rated to work over the extended industrial temperature range of −40°C to +105°C. FREQUENCY (Hz) 1 0.1 1 10 0.1 1 10 10 100 1k 10k 100k CURRENT VOLTAGE Figure 3. Input Voltage Noise and Current Noise vs. Frequency Rev. E Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2008–2015 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com |
Numéro de pièce similaire - ADA4898-2YRDZ-R7 |
|
Description similaire - ADA4898-2YRDZ-R7 |