| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4627-1BRZ-R7 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4627-1BRZ-R7 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() ADA4627-1/ADA4637-1 Data Sheet Rev. F | Page 16 of 20 DECOMPENSATED OP AMPS The ADA4637-1 is a decompensated op amp, and, as such, must always be operated at a noise gain of 5 or greater. See tutorial MT-033, Voltage Feedback Op Amp Gain and Bandwidth, at www.analog.com for more information. DRIVING CAPACITIVE LOADS Adding capacitance to the output of any op amp results in additional phase shift, which reduces stability and leads to overshoot or oscillation. The ADA4627-1/ADA4637-1 have a high phase margin and low output impedance, so they can drive reasonable values of capacitance. This is a common situation when an amplifier is used to drive the input of switched capacitor ADCs. For other considerations and various circuit solutions, see the Analog Dialogue article titled Ask the Applications Engineer-25, Op Amps Driving Capacitive Loads. |