| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4051-2ARMZ-R7 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4051-2ARMZ-R7 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 22 page ![]() 1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps Data Sheet ADA4051-1/ADA4051-2 Rev. C Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2009–2016 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Very low supply current: 13 μA typical Low offset voltage: 15 μV maximum Offset voltage drift: 20 nV/°C Single-supply operation: 1.8 V to 5.5 V High PSRR: 110 dB minimum High CMRR: 110 dB minimum Rail-to-rail input/output Unity-gain stable Extended industrial temperature range APPLICATIONS Pressure and position sensors Temperature measurements Electronic scales Medical instrumentation Battery-powered equipment Handheld test equipment PIN CONFIGURATIONS OUT 1 +IN 3 V– 2 V+ 5 –IN 4 ADA4051-1 TOP VIEW (Not to Scale) Figure 1. 5-Lead SOT-23 (RJ-5) +IN 1 –IN 3 V– 2 V+ 5 OUT 4 ADA4051-1 TOP VIEW (Not to Scale) Figure 2. 5-Lead SC-70 (KS-5) OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4051-2 TOP VIEW (Not to Scale) Figure 3. 8-Lead MSOP (RM-8) NOTES 1. IT IS RECOMMENDED THAT THE EXPOSED PAD BE CONNECTED TO V–. 3 +IN A 4 V– 1 OUT A 2 –IN A 6–IN B 5+IN B 8V+ 7OUT B ADA4051-2 TOP VIEW (Not to Scale) Figure 4. 8-Lead LFCSP (CP-8-13) GENERAL DESCRIPTION The ADA4051-1/ADA4051-2 are CMOS, micropower, zero- drift operational amplifiers utilizing an innovative chopping technique. These amplifiers feature rail-to-rail input/output swing and extremely low offset voltage while operating from a 1.8 V to 5.5 V power supply. In addition, these amplifiers offer high power supply rejection ratio (PSRR) and common-mode rejection ratio (CMRR) while operating with a typical supply current of 13 μA per amplifier. This combination of features makes the ADA4051-1/ADA4051-2 amplifiers ideal choices for battery-powered applications where high precision and low power consumption are important. The ADA4051-1/ADA4051-2 are specified for the extended industrial temperature range of −40°C to +125°C. The ADA4051-1 amplifier is available in 5-lead SOT-23 and 5-lead SC-70 packages. The ADA4051-2 amplifier is available in an 8-lead MSOP and an 8-lead LFCSP. The ADA4051-1/ADA4051-2 are members of a growing series of zero-drift op amps offered by Analog Devices, Inc. Refer to Table 1 for a list of these devices. Table 1. Op Amps Supply Low Power, 5 V 5 V 16 V Single AD8538 AD8628 AD8638 Dual AD8539 AD8629 AD8639 Quad AD8630 |
Numéro de pièce similaire - ADA4051-2ARMZ-R7 |
|
Description similaire - ADA4051-2ARMZ-R7 |