| Moteur de recherche de fiches techniques de composants électroniques |
|
8345-F11A-R3 Fiches technique(PDF) 4 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
8345-F11A-R3 Fiches technique(HTML) 4 Page - ETAL Group |
|
4 / 10 page ![]() Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-... www.e-t-a.de 1651 4 1 Mounting version F Flange mounting round aperture Cut-out dimensions: 48 Mounting version B/C Flange mounting rectangular aperture pole 19.1±0.1 12 34 number of poles 1 to 4 mounting thread M3 or 6-32 all dimensions referred to the top edge mounting depth 4.2 mm/.165 in. max. insertion depth 5.5 mm max. tightening torque 0.33 Nm 1.89 Cut-out dimensions: 1-pole multipole 19.2 .756 28.7 47.8 9.6 2.63 1.88 .378 1.13 66.9 76.5 3.01 3.5±0.1 (M3) 4 +0.1 -0.15 (6-32UNC) 1-pole .138±.004 (M3) .157 +.004 -.006 (6-32UNC) 4-pole ON OFF 68 2.68 48 1.89 68 2.68 ON OFF pole 12 34 number of poles 1 to 4 .752±.004 19.1 .752 n x 19.1 n x .752 19.1±0.1 .752±.004 3.5±0.1 (M3) 4 +0.1 -0.15 (6-32UNC) .138±.004 (M3) .157 +.004 -.006 (6-32UNC) 19.1 .752 n x 19.1 n x .752 max. panel thickness: 3 mm mounting thread M3 or 6-32 all dimensions referred to the top edge mounting depth 4.2 mm/.165 in. max. insertion depth 5.5 mm max. tightening torque 0.33 Nm OFF OFF OFF OFF OFF OFF OFF OFF Dimensions Installation drawing blow out space (can be reduced on request) operating area (reinforced insulation) 2 .079 8 .315 29 1.14 terminal area mounting area This is a metric design and millimeter dimensions take precedence ( mm ) inch |