| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4857-2YCPZ-R2 Fiches technique(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4857-2YCPZ-R2 Fiches technique(HTML) 20 Page - Analog Devices |
|
20 / 21 page ![]() ADA4857-1/ADA4857-2 Data Sheet Rev. D | Page 20 of 21 OUTLINE DIMENSIONS Figure 58. 8-Lead Lead Frame Chip Scale Package [LFCSP] 3 mm × 3 mm Body and 0.75 mm Package Height (CP-8-13) Dimensions shown in millimeters Figure 59. 8-Lead Standard Small Outline Package [SOIC_N] (R-8) Dimensions shown in millimeters and (inches) TOP VIEW 8 1 5 4 0.30 0.25 0.20 BOTTOM VIEW PIN 1 INDEX AREA SEATING PLANE 0.80 0.75 0.70 1.55 1.45 1.35 1.84 1.74 1.64 0.203 REF 0.05 MAX 0.02 NOM 0.50 BSC EXPOSED PAD 3.10 3.00 SQ 2.90 FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. COPLANARITY 0.08 0.50 0.40 0.30 COMPLIANT TO JEDEC STANDARDS MO-229-WEED PIN 1 INDICATOR (R 0.15) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. COMPLIANT TO JEDEC STANDARDS MS-012-AA 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) 45° 8° 0° 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 4 1 85 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2441) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) COPLANARITY 0.10 |